PART |
Description |
Maker |
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
AP6970GN2-HF AP6970GN2-HF-14 |
Bottom Exposed DFN, Lower Profile Lower Gate Charge
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
IHLP-2525CZ-07 |
5 % DCR Tolerance, Low Profile, IHLP? Power Inductor 5 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 5 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
CS8129-D CS8129YTVA5 CS8129/D |
5V750mA Low Dropout LinearRegulator with Lower RESETbar Threshold 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
|
ON Semiconductor
|
1008PS-823KL 1008PS-102KL 1008PS-103KL 1008PS-104K |
Power Chip Inductors Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 82 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 1 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 39 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 10 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 47 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 68 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 3.3 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 4.7 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 10 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 5.6 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 3.9 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 220 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 1.5 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 1000 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 1 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 15 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 100 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 39 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 33 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 150 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 2.7 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 100 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 120 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 150 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 6.8 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 330 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 1.8 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 2.2 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 120 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 2.7 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 3.9 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, shielded, 10% tol, SMT, RoHS 1 ELEMENT, 6.8 uH, CERAMIC-FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
PM1008-10NM-RC PM1008-18NM-RC PM1008-12NM-RC PM100 |
High Q Chip Inductors SMD Inductor; Series:PM1008; Inductance:120nH; Inductance Tolerance: /- 10 %; Q Factor:60; Self Resonant Frequency:950MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:650mA SMD Inductor; Series:PM1008; Inductance:680nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:375MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:500MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:470mA SMD Inductor; Series:PM1008; Inductance:820nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:350MHz; Package/Case:1008; Terminal Type:Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:22; Self Resonant Frequency:110MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:290mA
|
Bourns Electronic Solutions BOURNS INC
|
QL3040-0PQ240C QL3040-2PQ240I |
FPGA, 1008 CLBS, 40000 GATES, 250 MHz, PQFP240
|
QUICKLOGIC CORP
|
MN101C35D MN101C35 |
Microcomputer - 8bit - General Purpose The lower limit for operation guarantee for EPROM built-in type is 2.7 V From old datasheet system Lower limit for operation guarantee for EPROM built-in is 2.7V
|
Panasonic Semiconductor Matsushita Electric Panasonic Corporation
|
IRFB4019PBF IRFB4019PBF-15 |
17 A, 150 V, 0.095 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Low QRR for Better THD and Lower EMI Low QRR for Better THD and Lower EMI
|
International Rectifier
|
AISC-1008S-820M-T AISC-1008S-3R9M-T AISC-1008S-6R8 |
1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT
|
Abracon, Corp.
|
|